Part Number Hot Search : 
30BF20TR NTE1224 IRF7205 MP4513 MT8815 E1504AD S505TXR TC74H
Product Description
Full Text Search
 

To Download PSOT36KCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05108
PSOT15KCA
thru
Only One Name Means ProT ek'TionTM
PSOT36KCA
ST ANDARD CAPACIT ANCE TVS ARRA Y
APPLICA TIONS RS-232, RS-422 & RS-423 Digital Sensor I/O Ports Control & Monitoring Systems Portable Electronics 12 & 33 Volt DC Protection IEC COMPA TIBILITY (EN61000-4) 61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns 61000-4-5 (Surge): 12A, 8/20s - Level 1(Line-Ground) & Level 2(Line-Line) FEA TURES 300 Watts Peak Pulse Power per Line (tp = 8/20s) 200 Watts Peak Pulse Power per Line (tp = 1.2/50s) 40 Watts Peak Pulse Power per Line (tp = 10/1000s) ESD Protection > 40 kilovolts Low Clamping Voltage Common Cathode Configuration Provides Two Lines of Protection RoHS Compliant in Lead-Free Versions
SOT-23
MECHANICAL CHARACTERISTICS Molded JEDEC SOT-23 Weight 8 milligrams (Approximate) Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed) Solder Reflow Temperature: Tin-Lead - Sn/Pb, 85/15: 240-245C Pure-Tin - Sn, 100: 260-270C Flammability rating UL 94V-0 8mm Tape and Reel Per EIA Standard 481 Device Marking: Marking Code
PIN CONFIGURA TION
1 3 2
05108.R4 3/05
1
www.protekdevices.com
PSOT15KCA
thru
PSOT36KCA
DEVICE CHARACTERISTICS MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER Peak Pulse Power (tp = 8/20s) - See Figure 1 Peak Pulse Power (tp = 1.2/50s) - See Figure 1 Peak Pulse Power (tp = 10/100s) - See Figure 1 Operating Temperature Storage Temperature SYMBOL PPP PPP PPP TJ TSTG VALUE 300 200 40 -55C to 150C -55C to 150C UNITS Watts Watts Watts C C
ELECTRICAL CHARACTERISTICS PER LINE @ 25C Unless Otherwise Specified
PART NUMBER (See Note 1) DEVICE MARKING CODE RATED STAND-OFF VOLTAGE MINIMUM BREAKDOWN VOLTAGE MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ IP = 1.9A VC VOLTS 21.2 45.0 MAXIMUM CLAMPING VOLTAGE (See Fig. 2) MAXIMUM LEAKAGE CURRENT TYPICAL CAPACITANCE
V WM VOLTS PSOT15KCA PSOT36KCA PKA PKB 12.8 33.0
@ 1mA V(BR) VOLTS 14.3 36.0
@8/20s VC @ IPP 33V @9A 66V @ 6A
@VWM ID A 0.1 0.1
@0V, 1 MHz CJ pF 120 45
Note 1: For Unidirectional test only pins 1-3 and 2-3.
05108.R4 3/05
2
www.protekdevices.com
PSOT15KCA
thru
PSOT36KCA
GRAPHS
FIGURE 1 PEAK PULSE POWER VS PULSE TIME
10,000
PPP - Peak Pulse Current - Watts
1,000 300W, 8/20s Waveform
100
200W, 1.2/50s Waveform
10 0.01
1
10 100 td - Pulse Duration - s
1,000
10,000
120
IPP - Peak Pulse Current - % of IPP
FIGURE 2 PULSE WAVE FORM
tf Peak Value IPP TEST WAVEFORM PARAMETERS tf = 8s td = 20s
100 80 60 40 20 0 0 5
e-t
td = t I /2 PP
10
15 t - Time - s
20
25
30
100 80
% Of Rated Power
FIGURE 3 POWER DERATING CURVE
Peak Pulse Power 8/20s
60
40 20 Average Power 0 0 25 50 75 100 125 TL - Lead Temperature - C 150
05108.R4 3/05
3
www.protekdevices.com
PSOT15KCA
thru
PSOT36KCA
PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE
SOT-23
A L 0 - 10 3 B 1 2 S K J
PACKAGE DIMENSIONS
DIM MILLIMETERS MIN MAX 2.80 1.20 0.89 0.37 1.78 0.013 0.085 0.45 0.89 2.10 0.45 3.04 1.40 1.11 0.50 2.04 0.100 0.177 0.60 1.02 2.50 0.60 INCHES MIN MAX 0.1102 0.0472 0.0350 0.0150 0.0701 0.0005 0.0034 0.0180 0.0350 0.0830 0.0177 0.1197 0.0551 0.0440 0.0200 0.0807 0.0040 0.0070 0.0236 0.0401 0.0984 0.0236
V
G
C
D
H
A B C D G H J K L S V
NOTES
MOUNTING PAD
0.037" (0.95mm)
1. Dimensioning and tolerances per ANSI Y14.5M, 1985. 2. Controlling Dimension: Inches 3. Pin 3 is the cathode (Unidirectional Only). 4. Dimensions are exclusive of mold flash and metal burrs. TAPE & REEL ORDERING NOMENCLATURE 1. Surface mount product is taped and reeled in accordance with EIA-481. 2. Suffix -T7 = 7 Inch Reel - 3,000 pieces per 8mm tape, i.e., PSOT15KCA-T7. 3. Suffix -T13 = 13 Inch Reel - 10,000 pieces per 8mm tape, i.e., PSOT15KCA-T13. 4. Suffix - LF = Lead-Free, Pure-Tin Plating, i.e., PSOT15KCA-LF-T7.
0.079" (2.00mm) 0.033" (0.85mm)
0.033" (0.85mm)
Outline & Dimensions: Rev 1 - 11/01, 06012
COPYRIGHT (c) ProTek Devices 2005 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
05108.R4 3/05
4
www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of PSOT36KCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X